PART |
Description |
Maker |
IRF5NJ540 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*) SURFACE MOUNT (SMD-0.5)100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|
FQP90N10V2 FQPF90N10V2 |
100V N-Channel Advanced QFET V2 series 100V N-Channel MOSFET 90 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
FQI44N10 FQB44N10 FQB44N10TM |
100V N-Channel QFET 100V N-Channel MOSFET 43.5 A, 100 V, 0.039 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
IRFG110 JANTX2N7334 JANTX2N7334N JANTXV2N7334 JANT |
TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 100V V(BR)DSS | 1A I(D) | DIP POWER MOSFET THRU-HOLE (MO-036AB) 100V Quad N-Channel MOSFET in a MO-036AB package 100V Single N-Channel Hi-Rel MOSFET in a MO-036AB package
|
International Rectifier
|
HUF75645P3 HUF75645S3S HUF75645P3NL HUF75645S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 75A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 75A条(丁)|63AB 75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs 75 A, 100 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB TRANSISTOR,MOSFET 75A, 100V, 0.014 Ohm, N-Channel, UltraFETPower MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
IRF9510 FN2214 |
From old datasheet system 3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET 3.0A/ 100V/ 1.200 Ohm/ P-Channel Power MOSFET 3.0A, 100V, 1.200 Ohm, P-Channel Power
MOSFET(3.0A, 100V, 1.200 Ω,P沟道功率MOS场效应管)
|
Intersil Corporation
|
FDP120N10 |
74 A, 100 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench垄莽 MOSFET 100V, 74A, 12m楼? N-Channel PowerTrench? MOSFET 100V, 74A, 12mΩ
|
FAIRCHILD SEMICONDUCTOR CORP
|
IRF520VL IRF520VS |
100V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
|
IRF[International Rectifier]
|
IRF530 IRF530PBF |
14 A, 100 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=100V/ Rds(on)=0.16ohm/ Id=14A) Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A) 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
|